Part Number Hot Search : 
TA1126A MBJ90A IQ1205SA 10181 CS844 Z1SMA5V1 AMDL20G ZR39140
Product Description
Full Text Search
 

To Download NX3L1G66GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the nx3l1g66 provides one single pole, single-throw analog switch function. it has two input/output terminals (y and z) and an active high enable input pin (e). when e is low, the analog switch is turned off. schmitt trigger action at the enable input (e) makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 1.4 v to 3.6 v. the nx3l1g66 allows signals with amplitude up to v cc to be transmitted from y to z; or from z to y. its low on resistance (0.5 w ) and ?atness (0.13 w ) ensures minimal attenuation and distortion of transmitted signals. 2. features n wide supply voltage range from 1.4 v to 3.6 v n very low on resistance (peak): u 1.6 w (typical) at v cc = 1.4 v u 1.0 w (typical) at v cc = 1.65 v u 0.55 w (typical) at v cc = 2.3 v u 0.50 w (typical) at v cc = 2.7 v n high noise immunity n esd protection: u hbm jesd22-a114e class 3a exceeds 7500 v u mm jesd22-a115-a exceeds 200 v u cdm aec-q100-011 revision b exceeds 1000 v n cmos low-power consumption n latch-up performance exceeds 100 ma per jesd 78 class ii level b n direct interface with ttl levels at 3.0 v n control input accepts voltages above supply voltage n high current handling capability (350 ma continuous current under 3.3 v supply) n speci?ed from - 40 c to +85 c and from - 40 c to +125 c 3. applications n cell phone n pda n portable media player nx3l1g66 low-voltage analog switch rev. 01 3 january 2008 product data sheet
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 2 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 4. ordering information 5. marking 6. functional diagram 7. pinning information 7.1 pinning table 1. ordering information type number package temperature range name description version NX3L1G66GM - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 table 2. marking type number marking code NX3L1G66GM dl fig 1. logic symbol fig 2. logic diagram 001aag487 e zy 001aah372 e yz fig 3. pin con?guration sot886 (xson6) nx3l1g66 z 001aah444 y gnd n.c. v cc e transparent top view 2 3 1 5 4 6
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 3 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 7.2 pin description 8. functional description [1] h = high voltage level; l = low voltage level 9. limiting values [1] the minimum input voltage rating may be exceeded if the input current rating is observed. [2] the minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed. [3] for xson6 packages: above 45 c the value of p tot derates linearly with 2.4 mw/k. table 3. pin description symbol pin description y 1 independent input or output z 2 independent input or output gnd 3 ground (0 v) e 4 enable input (active high) n.c. 5 not connected v cc 6 supply voltage table 4. function table [1] input e switch l off-state h on-state table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +4.6 v v i input voltage [1] - 0.5 +4.6 v v sw switch voltage [2] - 0.5 v cc + 0.5 v i ik input clamping current v i < - 0.5 v - 50 - ma i sk switch clamping current v i < - 0.5 v or v i >v cc + 0.5 v - 50 ma i sw switch current v sw > - 0.5 v or v sw < v cc + 0.5 v; source or sink current - 350 ma v sw > - 0.5 v or v sw < v cc + 0.5 v; pulsed at 1 ms duration, < 10% duty cycle; peak current - 500 ma t stg storage temperature - 65 + 150 c p tot total power dissipation t amb = - 40 c to +125 c [3] - 250 mw
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 4 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 10. recommended operating conditions [1] to avoid sinking gnd current from of terminal z when switch current ?ows in terminal y, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current ?ows into terminal z, no gnd current will ?ow from terminal y. in this case, there i s no limit for the voltage drop across the switch. [2] applies to control signal levels. 11. static characteristics table 6. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.4 - 3.6 v v i input voltage enable input e 0 - 3.6 v v sw switch voltage [1] 0- v cc v t amb ambient temperature - 40 - +125 c d t/ d v input transition rise and fall rate v cc = 1.4 v to 3.6 v [2] - - 200 ns/v table 7. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground 0 v). symbol parameter conditions 25 c - 40 c to +125 c unit min typ max min max (85 c) max (125 c) v ih high-level input voltage v cc = 1.4 v to 1.95 v 0.65v cc - - 0.65v cc --v v cc = 2.3 v to 2.7 v 1.7 - - 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - 2.0 - - v v il low-level input voltage v cc = 1.4 v to 1.95 v - - 0.35v cc - 0.35v cc 0.35v cc v v cc = 2.3 v to 2.7 v - - 0.7 - 0.7 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 - 0.8 0.8 v i i input leakage current enable input e; v i = gnd to 3.6 v; v cc = 1.4 v to 3.6 v --- - 0.5 1 m a i s(off) off-state leakage current y port; v cc = 1.4 v to 3.6 v; see figure 4 -- 5- 50 500 na i s(on) on-state leakage current z port; v cc = 1.4 v to 3.6 v; see figure 5 -- 5- 50 500 na i cc supply current v i =v cc or gnd; v cc = 3.6 v; v sw = gnd or v cc - - 100 - 690 6000 na c i input capacitance - 1.0 - - - - pf c s(off) off-state capacitance -35- - - -pf c s(on) on-state capacitance - 110 - - - - pf
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 5 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 11.1 test circuits 11.2 on resistance [1] typical values are measured at t amb =25 c. [2] flatness is de?ned as the difference between the maximum and minimum value of on resistance measured at identical v cc and temperature. v i = 0.3 v or v cc - 0.3 v; v o =v cc - 0.3 v or 0.3 v. v i = 0.3 v or v cc - 0.3 v; v o = open circuit. fig 4. test circuit for measuring off-state leakage current fig 5. test circuit for measuring on-state leakage current 001aag488 i s i s v i v il v o v cc gnd y z e 001aag489 i s v i v ih v o v cc gnd y z e table 8. on resistance at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); for graphs see figure 7 to figure 12 . symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max r on(peak) on resistance (peak) v i = gnd to v cc ; i sw = 100 ma; see figure 6 v cc = 1.4 v - 1.6 3.7 - 4.1 w v cc = 1.65 v - 1.0 1.6 - 1.7 w v cc = 2.3 v - 0.55 0.8 - 0.9 w v cc = 2.7 v - 0.5 0.75 - 0.9 w r on(?at) on resistance (?atness) v i = gnd to v cc ; i sw = 100 ma [2] v cc = 1.4 v - 1.0 3.3 - 3.6 w v cc = 1.65 v - 0.5 1.2 - 1.3 w v cc = 2.3 v - 0.15 0.3 - 0.35 w v cc = 2.7 v - 0.13 0.3 - 0.35 w
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 6 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 11.3 on resistance test circuit and graphs r on =v sw / i sw . (1) v cc = 1.5 v. (2) v cc = 1.8 v. (3) v cc = 2.5 v. (4) v cc = 2.7 v. (5) v cc = 3.3 v. measured at t amb =25 c. fig 6. test circuit for measuring on resistance fig 7. typical on resistance as a function of input voltage 001aah375 v i v ih v cc gnd y z e v sw i sw v i (v) 04 3 12 001aag564 0.8 0.4 1.2 1.6 r on ( w ) 0 (1) (2) (5) (4) (3) (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = - 40 c. (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = - 40 c. fig 8. on resistance as a function of input voltage; v cc = 1.5 v fig 9. on resistance as a function of input voltage; v cc = 1.8 v 001aag565 v i (v) 03 2 1 0.8 0.4 1.2 1.6 r on ( w ) 0 (1) (2) (3) (4) 001aag566 v i (v) 03 2 1 0.4 0.6 0.2 0.8 1.0 r on ( w ) 0 (1) (2) (3) (4)
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 7 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = - 40 c. (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = - 40 c. fig 10. on resistance as a function of input voltage; v cc = 2.5 v fig 11. on resistance as a function of input voltage; v cc = 2.7 v 001aag567 v i (v) 03 2 1 0.4 0.6 0.2 0.8 1.0 r on ( w ) 0 (1) (2) (3) (4) 001aag568 v i (v) 03 2 1 0.4 0.6 0.2 0.8 1.0 r on ( w ) 0 (1) (2) (3) (4) (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = - 40 c. fig 12. on resistance as a function of input voltage; v cc = 3.3 v v i (v) 04 3 12 001aag569 0.4 0.6 0.2 0.8 1.0 r on ( w ) 0 (1) (2) (3) (4)
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 8 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 12. dynamic characteristics [1] typical values are measured at t amb =25 c and v cc = 1.5 v, 1.8 v, 2.5 v and 3.3 v respectively. 12.1 waveform and test circuits table 9. dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); for load circuit see figure 14 . symbol parameter conditions 25 c - 40 c to +125 c unit min typ [1] max min max (85 c) max (125 c) t en enable time e to z or y; see figure 13 v cc = 1.4 v to 1.6 v - 27 41 - 44 48 ns v cc = 1.65 v to 1.95 v - 22 27 - 34 36 ns v cc = 2.3 v to 2.7 v - 17 20 - 27 30 ns v cc = 2.7 v to 3.6 v - 14 18 - 24 26 ns t dis disable time e to z or y; see figure 13 v cc = 1.4 v to 1.6 v - 9 18 - 19 21 ns v cc = 1.65 v to 1.95 v - 7 13 - 15 16 ns v cc = 2.3 v to 2.7 v - 4 8 - 9 10 ns v cc = 2.7 v to 3.6 v - 4 8 - 8 9 ns measurement points are given in t ab le 10 . logic level: v oh is the typical output voltage that occurs with the output load. fig 13. enable and disable times 001aah376 ny output off to high high to off ne input v i v oh gnd gnd v m t en t dis v x v x switch enabled switch disabled switch disabled table 10. measurement points supply voltage input output v cc v m v x 1.4 v to 3.6 v 0.5v cc 0.9v oh
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 9 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 12.2 additional dynamic characteristics test data is given in t ab le 11 . de?nitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. v ext = external voltage for measuring switching times. fig 14. load circuit for switching times 001aah377 e y/z z/y r l c l v cc v ext = 1.5 v v i v v o g table 11. test data supply voltage input load v cc v i t r , t f c l r l 1.4 v to 3.6 v v cc 2.5 ns 35 pf 50 w table 12. additional dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); v i = gnd or v cc (unless otherwise speci?ed); t r = t f 2.5 ns. symbol parameter conditions 25 c unit min typ max thd total harmonic distortion f i = 20 hz to 20 khz; r l =32 w ; see figure 15 [1] v cc = 1.4 v; v i = 1 v (p-p) - 0.15 - % v cc = 1.65 v; v i = 1.2 v (p-p) - 0.10 - % v cc = 2.3 v; v i = 1.5 v (p-p) - 0.015 - % v cc = 2.7 v; v i = 2 v (p-p) - 0.024 - % f ( - 3db) - 3 db frequency response r l =50 w ; see figure 16 [1] v cc = 1.4 v to 3.6 v - 60 - mhz a iso isolation (off-state) f i = 100 khz; r l =50 w ; see figure 17 [1] v cc = 1.4 v to 3.6 v - - 90 - db v ct crosstalk voltage between digital inputs and switch; f i = 1 mhz; c l = 50 pf; r l =50 w ; see figure 18 v cc = 1.4 v to 3.6 v - 0.16 - v
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 10 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch [1] f i is biased at 0.5v cc . 12.3 test circuits q inj charge injection f i = 1 mhz; c l = 0.1 nf; r l =1 m w ; v gen =0v; r gen =0 w ; see figure 19 v cc = 1.5 v - 3 - pc v cc = 1.8 v - 3 - pc v cc = 2.5 v - 3 - pc v cc = 3.3 v - 3 - pc table 12. additional dynamic characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); v i = gnd or v cc (unless otherwise speci?ed); t r = t f 2.5 ns. symbol parameter conditions 25 c unit min typ max fig 15. test circuit for measuring total harmonic distortion 001aah378 v ih v cc 0.5v cc z/y y/z e f i r l d adjust f i voltage to obtain 0 dbm level at output. increase f i frequency until db meter reads - 3db. fig 16. test circuit for measuring the frequency response when channel is in on-state 001aah379 v ih v cc 0.5v cc z/y y/z e f i r l db
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 11 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch adjust f i voltage to obtain 0 dbm level at input. fig 17. test circuit for measuring isolation (off-state) 001aah380 v il v cc 0.5v cc z/y y/z e f i r l 0.5v cc r l db a. test circuit b. input and output pulse de?nitions fig 18. test circuit for measuring crosstalk voltage between digital inputs and switch 001aah383 e y/z z/y r l c l v cc v i v v o g 0.5v cc r l 0.5v cc v ct 001aah381 off logic input (e) v o on off
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 12 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch a. test circuit b. input and output pulse de?nitions de?nition: q inj = d v o c l . d v o = output voltage variation. r gen = generator resistance. v gen = generator voltage. fig 19. test circuit for measuring charge injection 001aah385 e y/z z/y gnd r l c l v cc v gen r gen v i v v o g 001aah384 v o off on off logic input (e) v o
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 13 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 13. package outline fig 20. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 14 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 14. abbreviations 15. revision history table 13. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 14. revision history document id release date data sheet status change notice supersedes nx3l1g66_1 20080103 product data sheet - -
nx3l1g66_1 ? nxp b.v. 2008. all rights reserved. product data sheet rev. 01 3 january 2008 15 of 16 nxp semiconductors nx3l1g66 low-voltage analog switch 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors nx3l1g66 low-voltage analog switch ? nxp b.v. 2008. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 3 january 2008 document identifier: nx3l1g66_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 functional description . . . . . . . . . . . . . . . . . . . 3 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 10 recommended operating conditions. . . . . . . . 4 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 11.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 5 11.3 on resistance test circuit and graphs. . . . . . . . 6 12 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 12.1 waveform and test circuits . . . . . . . . . . . . . . . . 8 12.2 additional dynamic characteristics . . . . . . . . . . 9 12.3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 15 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17 contact information. . . . . . . . . . . . . . . . . . . . . 15 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of NX3L1G66GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X